Part Number Hot Search : 
54HC1 AD7302 AN3122 BZX79 91C94 LMEAPJR5 HG106C 56HFA
Product Description
Full Text Search
 

To Download AUIRFZ44V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  AUIRFZ44V hexfet ? power mosfet  www.irf.com 1 s d g features  advanced planar technology  low on-resistance  dynamic dv/dt rating  175c operating temperature  fast switching  fully avalanche rated  repetitive avalanche allowed up to tjmax  lead-free, rohs compliant  automotive qualified * specifically designed for automotive applications, this stripe planar design of hexfet? power mosfets utilizes the latest processing techniques to achieve low on-resistance per silicon area. this benefit combined with the fast switching speed and ruggedized device design that hexfet power mosfets are well known for, provides the designer with an extremely efficient and reliable device for use in automotive and a wide variety of other applications. description absolute maximum ratings stresses beyond those listed under ?absolute maximum ratings? may cause permanent damage to the device. these are stress ratings only; and functional operation of the device at these or any other condition beyond those indicated in the specifications is not implied.exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. the thermal resistance and power dissipation ratings are measured under board mounted and still air conditions. ambient temperature (t a ) is 25c, unless otherwise specified. gds gate drain source to-220ab AUIRFZ44V d s d g v (br)dss 60v r ds(on) max. 16.5m i d 55a automotive grade parameter units i d @ t c = 25c continuous drain current, v gs @ 10v i d @ t c = 100c continuous drain current, v gs @ 10v a i dm pulsed drain current p d @t c = 25c power dissipation linear derating factor w/c v gs gate-to-source voltage v e as single pulse avalanche energy  mj i ar avalanche current  a e ar repetitive avalanche energy mj dv/dt peak diode recovery dv/dt  v/ns t j operating junction and t stg storage temperature range c soldering temperature, for 10 seconds mounting torque, 6-32 or m3 screw thermal resistance parameter typ. max. units r 1. , , 0.0 11 10  in (1.1n  m) -55 to + 175 c/w 300 (1.6mm from case ) 0.77 20 4.5 w 115 115 max. 55 39 220 hexfet ? is a registered trademark of international rectifier. * qualification standards can be found at http://www.irf.com/ pd - 96415
AUIRFZ44V 2 www.irf.com s d g s d g  repetitive rating; pulse width limited by max. junction temperature. ( see fig. 11 )  starting t j = 25c, l = 89 h, r g = 25 , i as = 51a. (see figure 12)  i sd  51a  di/d   227a/ s, v dd   v (br)dss , t j 175c  pulse width 300 s; duty cycle 2%.  static electrical characteristics @ t j = 25c (unless otherwise specified) parameter min. typ. max. units v (br)dss drain-to-source breakdown voltage 60 ??? ??? v . 0.0 1. .0 .0 a ??? ??? 250 i gss gate-to-source forward leakage ??? ??? 100 na gate-to-source reverse leakage ??? ??? -100 dynamic electrical characteristics @ t j = 25c (unless otherwise specified) q g total gate charge ??? ??? 67 q gs gate-to-source charge ??? ??? 18 nc q gd gate-to-drain ("miller") charge ??? ??? 25 t d(on) turn-on delay time ??? 13 ??? t r rise time ???97??? t d(off) turn-off delay time ??? 40 ??? ns t f fall time ??? 57 ??? l d internal drain inductance between lead, nh 6mm (0.25in.) l s internal source inductance between lead, and center of die contact c iss input capacitance ??? 1812 ??? c oss output capacitance ??? 393 ??? c rss reverse transfer capacitance ??? 103 ??? ? = 1.0mhz, see fig.5 diode characteristics parameter min. typ. max. units i s continuous source current (body diode) a i sm pulsed source current (body diode)  v sd diode forward voltage ??? ??? 2.5 v t rr reverse recovery time ??? 70 105 ns q rr reverse recovery charge ??? 146 219 nc t on forward turn-on time intrinsic turn-on time is negligible (turn-on is dominated by ls+ld) pf ??? mosfet symbol showing the ??? ??? ??? 55 220 ??? ??? ??? ??? 4.5 7.5 v gs = 10v, see fig.6 and 13  v dd = 30v i d = 51a r g = 9.1 t j = 25c, i s = 51a, v gs = 0v  t j = 25c, i f = 51a di/dt = 100a/ s  conditions v gs = 0v, i d = 250 a reference to 25c, i d = 1ma v gs = 10v, i d = 31a  v ds = v gs , i d = 250 a v ds = 60v, v gs = 0v v ds = 48v, v gs = 0v, t j = 150c integral reverse p-n junction diode. v ds = 25v, i d = 31a  i d = 51a v ds = 48v conditions r d = 0.6 , see fig.10  v gs = 0v v ds = 25v v gs = 20v v gs = -20v m
AUIRFZ44V www.irf.com 3 qualification information ? moisture sensitivity level 3l-to-220 n/a qualification level automotive (per aec-q101) ?? comments: this part number(s) passed automotive qualification. ir?s industrial and consumer qualification level is granted by extension of the higher automotive level. charged device model class c5(+/- 2000v ) ??? (per aec-q101-005) rohs compliant yes esd machine model class m3(+/- 400v ) ??? (per aec-q101-002) human body model class h1b(+/- 1000v ) ??? (per aec-q101-001) ? qualification standards can be found at international rectifier?s web site: http//www.irf.com/ ?? exceptions (if any) to aec-q101 requirements are noted in the qualification report. ??? highest passing voltage
AUIRFZ44V 4 www.irf.com 
 
     
  
     
      
  
    0.1 1 10 100 1000 0.1 1 10 100 20 s pulse width t = 25 c j top bottom vgs 15v 10v 8.0v 7.0v 6.0v 5.5v 5.0v 4.5v v , drain-to-source voltage (v) i , drain-to-source current (a) ds d 4.5v 1 10 100 1000 0.1 1 10 100 20 s pulse width t = 175 c j top bottom vgs 15v 10v 8.0v 7.0v 6.0v 5.5v 5.0v 4.5v v , drain-to-source voltage (v) i , drain-to-source current (a) ds d 4.5v -60 -40 -20 0 20 40 60 80 100 120 140 160 180 0.0 0.5 1.0 1.5 2.0 2.5 3.0 t , junction temperature ( c) r , drain-to-source on resistance (normalized) j ds(on) v = i = gs d 10v 55a 1 10 100 1000 4 5 6 7 8 9 10 11 12 v = 25v 20 s pulse width ds v , gate-to-source voltage (v) i , drain-to-source current (a) gs d t = 25 c j t = 175 c j
AUIRFZ44V www.irf.com 5 
      ! 
        ! 
  "  ! "    ! 
 #$ 
 !% 1 10 100 v ds , drain-to-source voltage (v) 0 1000 2000 3000 4000 c , c a p a c i t a n c e ( p f ) coss crss ciss v gs = 0v, f = 1 mhz c is = c gs + c gd , c ds shorted c rss = c gd c oss = c ds + c gd 0 20 40 60 80 100 0 4 8 12 16 20 q , total gate charge (nc) v , gate-to-source voltage (v) g gs i = d 51a v = 12v ds v = 30v ds v = 48v ds 1 10 100 1000 1 10 100 1000 operation in this area limited by r ds(on) single pulse t t = 175 c = 25 c j c v , drain-to-source voltage (v) i , drain current (a) i , drain current (a) ds d 10us 100us 1ms 10ms 0.1 1 10 100 1000 0.2 0.7 1.2 1.7 2.2 v ,source-to-drain voltage (v) i , reverse drain current (a) sd sd v = 0 v gs t = 25 c j t = 175 c j
AUIRFZ44V 6 www.irf.com 25 50 75 100 125 150 175 0 10 20 30 40 50 60 t , case temperature ( c) i , drain current (a) c d 
 #$      
   !    v ds 90% 10% v gs t d(on) t r t d(off) t f 
   !&' 
 #$ ( '  )*+     0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 1 notes: 1. duty factor d = t / t 2. peak t = p x z + t 1 2 j dm thjc c p t t dm 1 2 t , rectangular pulse duration (sec) thermal response (z ) 1 thjc 0.01 0.02 0.05 0.10 0.20 d = 0.50 single pulse (thermal response)      
 1     0.1 %    


  + -    
 1     0.1 %    


   
AUIRFZ44V www.irf.com 7 d.u.t. v ds i d i g 3ma v gs .3 f 50k .2 f 12v current regulator same type as d.u.t. current sampling resistors + - 
 "  !    
 ,"  !&' 
  - )  '&' 
  - )  '    t p v (br)dss i as 
  #$ %' (!   r g i as 0.01 t p d.u.t l v ds + - v dd driver a 15v 20v 25 50 75 100 125 150 175 0 50 100 150 200 250 starting t , junction temperature ( c) e , single pulse avalanche energy (mj) j as i d top bottom 21a 36a 51a q g q gs q gd v g charge ./
AUIRFZ44V 8 www.irf.com 
   0(1( 
  

  + - + + + - - -        ?   ? 


?     ?


!     "#" ? #$%  ? &'  ? #$#()  " *  p.w. period di/dt diode recovery dv/dt ripple 5% body diode forward drop re-applied voltage reverse recovery current body diode forward current v gs =10v v dd i sd driver gate drive d.u.t. i sd waveform d.u.t. v ds waveform inductor curent d = p. w . period 2   +,*#)#  2
AUIRFZ44V www.irf.com 9 
  
         
       
         
          3  4 )5! 5       676 &&7&8&8 %7%  '*5
AUIRFZ44V 10 www.irf.com ordering information base part package type standard pack complete part number form quantity AUIRFZ44V to-220 tube 50 AUIRFZ44V
AUIRFZ44V www.irf.com 11 important notice unless specifically designated for the automotive market, international rectifier corporation and its subsidiaries (ir) reserve the right to make corrections, modifications, enhancements, improvements, and other changes to its products and services at any time and to discontinue any product or services without notice. part numbers designated with the ?au? prefix follow automotive industry and / or customer specific requirements with regards to product discontinuance and process change notification. all products are sold subject to ir?s terms and conditions of sale supplied at the time of order acknowledgment. ir warrants performance of its hardware products to the specifications applicable at the time of sale in accordance with ir?s standard warranty. testing and other quality control techniques are used to the extent ir deems necessary to support this warranty. except where mandated by government requirements, testing of all parameters of each product is not necessarily performed. ir assumes no liability for applications assistance or customer product design. customers are responsible for their products and applications using ir components. to minimize the risks with customer products and applications, customers should provide adequate design and operating safeguards. reproduction of ir information in ir data books or data sheets is permissible only if reproduction is without alteration and is accompanied by all associated warranties, conditions, limitations, and notices. reproduction of this information with alterations is an unfair and deceptive business practice. ir is not responsible or liable for such altered documentation. information of third parties may be subject to additional restrictions. resale of ir products or serviced with statements different from or beyond the parameters stated by ir for that product or service voids all express and any implied warranties for the associated ir product or service and is an unfair and deceptive business practice. ir is not responsible or liable for any such statements. ir products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or in other applications intended to support or sustain life, or in any other application in which the failure of the ir product could create a situation where personal injury or death may occur. should buyer purchase or use ir products for any such unintended or unauthorized application, buyer shall indemnify and hold international rectifier and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that ir was negligent regarding the design or manufacture of the product. only products certified as military grade by the defense logistics agency (dla) of the us department of defense, are designed and manufactured to meet dla military specifications required by certain military, aerospace or other applications. buyers acknowledge and agree that any use of ir products not certified by dla as military-grade, in applications requiring military grade products, is solely at the buyer?s own risk and that they are solely responsible for compliance with all legal and regulatory requirements in connection with such use. ir products are neither designed nor intended for use in automotive applications or environments unless the specific ir products are designated by ir as compliant with iso/ts 16949 requirements and bear a part number including the designation ?au?. buyers acknowledge and agree that, if they use any non-designated products in automotive applications, ir will not be responsible for any failure to meet such requirements. for technical support, please contact ir?s technical assistance center http://www.irf.com/technical-info/ world headquarters: 101 n. sepulveda blvd., el segundo, california 90245 tel: (310) 252-7105


▲Up To Search▲   

 
Price & Availability of AUIRFZ44V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X